Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 19 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1934 Datasheet HTML 15Page - Analog Devices AD1934 Datasheet HTML 16Page - Analog Devices AD1934 Datasheet HTML 17Page - Analog Devices AD1934 Datasheet HTML 18Page - Analog Devices AD1934 Datasheet HTML 19Page - Analog Devices AD1934 Datasheet HTML 20Page - Analog Devices AD1934 Datasheet HTML 21Page - Analog Devices AD1934 Datasheet HTML 22Page - Analog Devices AD1934 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD1934
Rev. 0 | Page 19 of 28
Table 13. Pin Function Changes in TDM and AUX Modes (Replication of Table 12)
Pin Name
Stereo Modes
TDM Modes
AUX Modes
AUXDATA1
Not Used (Float)
Not Used (Float)
AUX Data Out 1 (to External DAC 1)
DSDATA1
DAC1 Data In
DAC TDM Data In
TDM Data In
DSDATA2
DAC2 Data In
DAC TDM Data Out
Not Used (Ground)
DSDATA3
DAC3 Data In
DAC TDM Data In 2 (Dual-Line Mode)
Not Used (Ground)
DSDATA4
DAC4 Data In
DAC TDM Data Out 2 (Dual-Line Mode)
AUX Data Out 2 (to External DAC 2)
AUXTDMLRCLK
Not Used (Ground)
Not Used (Ground)
TDM Frame Sync In/Out
AUXTDMBCLK
Not Used (Ground)
Not Used (Ground)
TDM BCLK In/Out
DLRCLK
DAC LRCLK In/Out
DAC TDM Frame Sync In/Out
AUX LRCLK In/Out
DBCLK
DAC BCLK In/Out
DAC TDM BCLK In/Out
AUX BCLK In/Out
AUX
DAC 1
AUX
DAC 2
LRCLK
BCLK
DATA
MCLK
LRCLK
BCLK
DATA
MCLK
30MHz
12.288MHz
SHARC IS RUNNING IN SLAVE MODE
(INTERRUPT-DRIVEN)
SHARC
AD1934
TDM MASTER
AUX MASTER
AUXDATA1
DSDATA4
DBCLK
DLRCLK
DSDATA2
DSDATA3
MCLK
AUXTDMLRCLK AUXTDMBCLK
DSDATA1
Figure 18. Example of AUX Mode Connection to SHARC® (AD1934 as TDM Master/AUX Master Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com