Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 3 Page - Analog Devices

  AD1934 Datasheet HTML 1Page - Analog Devices AD1934 Datasheet HTML 2Page - Analog Devices AD1934 Datasheet HTML 3Page - Analog Devices AD1934 Datasheet HTML 4Page - Analog Devices AD1934 Datasheet HTML 5Page - Analog Devices AD1934 Datasheet HTML 6Page - Analog Devices AD1934 Datasheet HTML 7Page - Analog Devices AD1934 Datasheet HTML 8Page - Analog Devices AD1934 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD1934
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TEST CONDITIONS
Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase deviation specifications.
Supply Voltages (AVDD, DVDD)
3.3 V
Temperature Range1
As specified in Table 1 and Table 2
Master Clock
12.288 MHz (48 kHz fS, 256 × fS mode)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 bits
Load Capacitance (Digital Output)
20 pF
Load Current (Digital Output)
±1 mA or 1.5 kΩ to ½ DVDD supply
Input Voltage HI
2.0 V
Input Voltage LO
0.8 V
1 Functionally guaranteed at −40°C to +125°C case temperature.
ANALOG PERFORMANCE SPECIFICATIONS
Specifications guaranteed at 25°C (ambient).
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range
20 Hz to 20 kHz, −60 dB input
No Filter (RMS)
98
104
dB
With A-Weighted Filter (RMS)
100
106
dB
With A-Weighted Filter (Average)
108
dB
Total Harmonic Distortion + Noise
0 dBFS
Single-Ended Version
Two channels running
−92
dB
Eight channels running
−86
−75
dB
Full-Scale Output Voltage
0.88 (2.48)
V rms (V p-p)
Gain Error
−10
+10
%
Interchannel Gain Mismatch
−0.2
+0.2
dB
Offset Error
−16
−4
+16
mV
Gain Drift
−30
+30
ppm/°C
Interchannel Isolation
100
dB
Interchannel Phase Deviation
0
Degrees
Volume Control Step
0.375
dB
Volume Control Range
95
dB
De-emphasis Gain Error
±0.6
dB
Output Resistance at Each Pin
100
Ω
REFERENCE
Internal Reference Voltage
FILTR pin
1.50
V
External Reference Voltage
FILTR pin
1.32
1.50
1.68
V
Common-Mode Reference Output
CM pin
1.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com