Electronic Components Datasheet Search
  English  ▼

X  

AD1934 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1934
Description  8-Channel DAC with PLL, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1934 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1934 Datasheet HTML 13Page - Analog Devices AD1934 Datasheet HTML 14Page - Analog Devices AD1934 Datasheet HTML 15Page - Analog Devices AD1934 Datasheet HTML 16Page - Analog Devices AD1934 Datasheet HTML 17Page - Analog Devices AD1934 Datasheet HTML 18Page - Analog Devices AD1934 Datasheet HTML 19Page - Analog Devices AD1934 Datasheet HTML 20Page - Analog Devices AD1934 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD1934
Rev. 0 | Page 17 of 28
DLRCLK
DBCLK
DSDATA1
DAC L1
DAC R1
DAC L2
DAC R2
DSDATA2
DAC L3
DAC R3
DAC L4
DAC R4
32 BITS
MSB
Figure 14. Dual-Line, DAC TDM Mode (Applicable to 192 kHz Sample Rate, 8-Channel Mode)
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LSB
LSB
LSB
LSB
LSB
LSB
LEFT CHANNEL
RIGHT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
MSB
MSB
MSB
MSB
MSB
RIGHT-JUSTIFIED MODE—SELECT NUMBER OF BITS PER CHANNEL
DSP MODE—16 BITS TO 24 BITS PER CHANNEL
I2S MODE—16 BITS TO 24 BITS PER CHANNEL
LEFT-JUSTIFIED MODE—16 BITS TO 24 BITS PER CHANNEL
LRCLK
BCLK
SDATA
LSB
LSB
NOTES
1. DSP MODE DOES NOT IDENTIFY CHANNEL.
2. LRCLK NORMALLY OPERATES AT
fS EXCEPT FOR DSP MODE, WHICH IS 2 × fS.
3. BCLK FREQUENCY IS NORMALLY 64 × LRCLK BUT MAY BE OPERATED IN BURST MODE.
MSB
MSB
1/
fS
Figure 15. Stereo Serial Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com