Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5506 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  Fixed-Point Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5506 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 43Page - Texas Instruments TMS320VC5506 Datasheet HTML 44Page - Texas Instruments TMS320VC5506 Datasheet HTML 45Page - Texas Instruments TMS320VC5506 Datasheet HTML 46Page - Texas Instruments TMS320VC5506 Datasheet HTML 47Page - Texas Instruments TMS320VC5506 Datasheet HTML 48Page - Texas Instruments TMS320VC5506 Datasheet HTML 49Page - Texas Instruments TMS320VC5506 Datasheet HTML 50Page - Texas Instruments TMS320VC5506 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 120 page
background image
Functional Overview
47
October 2006 − Revised January 2008
SPRS375C
Table 3−14. USB APLL Clock Mode Register Bit Functions (Continued)
BIT
NO.
FUNCTION
RESET
VALUE
BIT
NAME
2
ON
0
PLL Voltage Controlled Oscillator (VCO) enable bit. This bit works in conjunction with MODE to enable
or disable the VCO.
ON
MODE
VCO
0
0
OFF
1
X
ON
X
1
ON
X = Don’t care
1
MODE
0
PLL mode selection bit
MODE = 0
PLL operating in divide mode (VCO bypassed). When the PLL is operating in DIV mode, the
PLL Divide Factor (D) is determined by the factor K.
D = 2 if K = 1 to 15
D = 4 if K = 16
MODE = 1
PLL operating in multiply mode (VCO on). The PLL multiply and divide factors are
determined by DIV and K.
0
STAT
0
PLL lock status bit
STAT = 0
PLL operating in DIV mode (VCO bypassed)
STAT = 1
PLL operating in multiply mode (VCO on)
DIV, combined with MODE and K, defines the final PLL multiplication ratio M/D as indicated below. The USB
APLL clock frequency can be simply expressed by:
FUSB APLL CLK = FCLKIN x (M/D)
The multiplication factor M and the dividing factor D are defined in Table 3−15.
Table 3−15. M and D Values Based on MODE, DIV, and K
MODE
DIV
K
M
D
0
X
1 to 15
1
2
0
X
16
1
4
1
0
1 to 15
K
1
1
0
16
1
1
1
1
Odd
K
2
1
1
Even
K − 1
4
The USB clock generation and the PLL switching scheme are discussed in detail in the TMS320VC5507/5509
DSP Universal Serial Bus (USB) Module Reference Guide (literature number SPRU596) and in the Using the
USB APLL on the TMS320VC5507/5509A Application Report (literature number SPRA997).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com