| Electronic Components Datasheet Search |
|
TMS320VC5506 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5506 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 120 page ![]() Introduction 20 October 2006 − Revised January 2008 SPRS375C Table 2−3. Signal Descriptions (Continued) TERMINAL NAME RESET CONDITION BK‡ FUNCTION I/O/Z† MULTIPLEXED SIGNAL NAME PARALLEL BUS (CONTINUED) C4 O/Z EMIF chip select for memory space CE0. The initial state of this pin depends on the GPIO0 pin. GPIO0 = 1: Output, EMIF.CE0 EMIF.CE0 O/Z Active-low EMIF chip select for memory space CE0. EMIF.CE0 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.CE0 GPIO0 = 0: Reserved C5 O/Z EMIF chip select for memory space CE1. The initial state of this pin depends on the GPIO0 pin. GPIO0 = 1: Output, EMIF.CE1 EMIF.CE1 O/Z Active-low EMIF chip select for memory space CE1. EMIF.CE1 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.CE1 GPIO0 = 0: Reserved C6 O/Z EMIF chip select for memory space CE2. The initial state of this pin depends on the GPIO0 pin. GPIO0 = 1: Output, EMIF.CE2 EMIF.CE2 O/Z Active-low EMIF chip select for memory space CE2. EMIF.CE2 is selected when the Parallel Port Mode bit field of the External Bus Selection Register is set to 00 or 01. BK EMIF.CE2 GPIO0 = 0: Reserved C7 O/Z EMIF chip select for memory space CE3. The initial state of this pin depends on the GPIO0 pin. GPIO0 = 1: Output, EMIF.CE3 EMIF.CE3 O/Z Active-low EMIF chip select for memory space CE3. EMIF.CE3 is selected when the Parallel Port Mode bit field is of the External Bus Selection Register set to 00 or 01. BK EMIF.CE3 GPIO0 = 0: Reserved † I = Input, O = Output, S = Supply, Hi-Z = High-impedance ‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup, PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |