Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5506 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5506
Description  Fixed-Point Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5506 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5506 Datasheet HTML 59Page - Texas Instruments TMS320VC5506 Datasheet HTML 60Page - Texas Instruments TMS320VC5506 Datasheet HTML 61Page - Texas Instruments TMS320VC5506 Datasheet HTML 62Page - Texas Instruments TMS320VC5506 Datasheet HTML 63Page - Texas Instruments TMS320VC5506 Datasheet HTML 64Page - Texas Instruments TMS320VC5506 Datasheet HTML 65Page - Texas Instruments TMS320VC5506 Datasheet HTML 66Page - Texas Instruments TMS320VC5506 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
Functional Overview
63
October 2006 − Revised January 2008
SPRS375C
3.11.1
IFR and IER Registers
The IFR0 (Interrupt Flag Register 0) and IER0 (Interrupt Enable Register 0) bit layouts are shown in
Figure 3−17.
15
14
13
12
11
10
9
8
DMAC5
DMAC4
XINT2
RINT2
INT3/
WDTINT
Reserved
DMAC1
USB
R/W
R/W
R/W
R/W
R/W
R/W-0†
R/W
R/W
76
54
32
10
XINT1
RINT1
RINT0
TINT0
INT2
INT0
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
Legend: R = Read, W = Write, n = value after reset
† Always write zero.
Figure 3−17. IFR0 and IER0 Bit Locations
Table 3−33. IFR0 and IER0 Register Bit Fields
BIT
FUNCTION
NUMBER
NAME
FUNCTION
15
DMAC5
DMA channel 5 interrupt flag/mask bit
14
DMAC4
DMA channel 4 interrupt flag/mask bit
13
XINT2
This bit is used as the McBSP2 transmit interrupt flag/mask bit.
12
RINT2
McBSP2 receive interrupt flag/mask bit.
11
INT3/WDTINT
This bit is used as either the external user interrupt 3 flag/mask bit, or the watchdog timer interrupt
flag/mask bit.†
10
−
Reserved
9
DMAC1
DMA channel 1 interrupt flag/mask bit
8
USB
USB interrupt flag/mask bit.
7
XINT1
This bit is used as the McBSP1 transmit interrupt flag/mask bit.
6
RINT1
McBSP1 receive interrupt flag/mask bit.
5
RINT0
McBSP0 receive interrupt flag bit
4
TINT0
Timer 0 interrupt flag bit
3
INT2
External interrupt 2 flag bit
2
INT0
External interrupt 0 flag bit
1−0
−
Reserved for future expansion. These bits should always be written with 0.
† It is possible to have active interrupts simultaneously from both the external INT3 source and the watchdog timer. When an interrupt is detected
in this bit, the watchdog timer status register should be polled to determine if the watchdog timer is the interrupt source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com