Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA151 Datasheet HTML 14Page - Texas Instruments INA151 Datasheet HTML 15Page - Texas Instruments INA151 Datasheet HTML 16Page - Texas Instruments INA151 Datasheet HTML 17Page - Texas Instruments INA151 Datasheet HTML 18Page - Texas Instruments INA151 Datasheet HTML 19Page - Texas Instruments INA151 Datasheet HTML 20Page - Texas Instruments INA151 Datasheet HTML 21Page - Texas Instruments INA151 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
7.3.2 Low Input Bias Current
The topology in the INA151 build in an input bias current stage that requires a typical common-mode bias current
of 20μA to allow operate at very high common-mode voltages. As shown in Figure 7-4, the bias stage allows the
common-mode bias current to be constant across the common-mode range, enabling minimal error implications
for a precision voltage monitoring system.
The bias circuit in the INA151 includes resistance between the input pins with an effective differential input
impedance of 45kΩ. This differential impedance creates differential input bias current flowing in and out of the
device proportional to the input differential voltage, depicted in Figure 7-5. The total input bias current for each
input pin is the summation of the common-mode leakage from input to reference, IBCM, and the differential
current, IBDIFF.
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90 100 110
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
-21
-20.5
-20
G = 1
G = 2/3
G = 1/2
G = 1/4
Figure 7-4. INA151 Input Bias Current vs Common-Mode Voltage
Differential Input Voltage (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-60
-40
-20
0
20
40
IB+
IB-
Figure 7-5. INA151 Input Bias Current vs Differential Input Voltage
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com