Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA151 Datasheet HTML 19Page - Texas Instruments INA151 Datasheet HTML 20Page - Texas Instruments INA151 Datasheet HTML 21Page - Texas Instruments INA151 Datasheet HTML 22Page - Texas Instruments INA151 Datasheet HTML 23Page - Texas Instruments INA151 Datasheet HTML 24Page - Texas Instruments INA151 Datasheet HTML 25Page - Texas Instruments INA151 Datasheet HTML 26Page - Texas Instruments INA151 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
8.2.1.1 Design Requirements
For this application, the design requirements are as provided in Table 8-1.
Table 8-1. Design Requirements
DESCRIPTION of INA151
VALUE
Power supply voltage
VS± = ±5V for Cell1Cell16
Battery cell voltage
VBAT = 0V to 4.5V
Common-mode voltage
VCM = 0V to 67.5V
Output Voltage
VOUT = 3.3V
Enable Time
ten=13μs
Filtering
Rfilt=1.2kΩ, Cfilt=150pF
Accuracy target
0.1% at TA=25ºC
DESCRIPTION of ADC in C2000F280025C
VALUE
Full-scale range of ADC
VADC(fs) = VOUT = 3.3V
Acquisition Time
tacq=1μs
Conversion Time
tconv=0.2μs
Sampling Rate per Channel
4.4kSPS
Resolution
12 bits (4096 codes)
LSB Size
+5V / 4096 = 805.66μV/LSB
8.2.1.2 Detailed Design Procedure
The subsequent sections outline guidelines and calculations for dc accuracy analysis DC Accuracy
Calculations, design considerations for external RC filtering in RC Filter Design Consideration and ADC input
protection recommendation. The analysis is provided for the INA151B paired with the ADC of the C2000
(TMS320F280025) Microcontroller from the Figure 8-2 application circuit with given design requirements.
8.2.1.2.1 DC Accuracy Calculations
Table 8-2. INA151B - Typical and Maximum DC Accuracy Calculations for FSR of 4.5V
Error Source
Error Calculation for FSR=4.5V
Spec
(Typ)
Error
(PPM)
Spec
(Max)
Error
(PPM)
Absolute accuracy at 25°C of Cell1
Input stage offset
voltage
VOSI
VOSIFSR×106
200μV
44.4
1200μV
266.7
Common-mode
rejection ratio
CMRRERROR
10VCMCMRR20,VCM = 0V
140dB
0
125dB
0
Gain error from
INA151
GE
GE%×106
0.01%
10
0.03
30
Total error (RSS)
VOSI2+GE2+CMRRERROR2
45.1
268.3
Absolute accuracy at 25°C of Cell16
Input stage offset
voltage
VOSI
VOSIFSR×106
200μV
44.4
1200μV
268.3
Common-mode
rejection ratio
CMRRERROR
10VCMCMRR20,VCM = 67.5V
140dB
1.5
125dB
37.9
Gain error from
INA151
GE
GE%×106
0.01%
10
0.03%
30
www.ti.com
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com