Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA151 Datasheet HTML 21Page - Texas Instruments INA151 Datasheet HTML 22Page - Texas Instruments INA151 Datasheet HTML 23Page - Texas Instruments INA151 Datasheet HTML 24Page - Texas Instruments INA151 Datasheet HTML 25Page - Texas Instruments INA151 Datasheet HTML 26Page - Texas Instruments INA151 Datasheet HTML 27Page - Texas Instruments INA151 Datasheet HTML 28Page - Texas Instruments INA151 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
whereas:
• tacq, acquisition time of the ADC
• Vdroop, voltage droop caused by the change in charge on Cfilt during sampling, typically 100mV
• N, resolution of ADC
The nominal filter resistance can then be derived from:
Rfilt= τRCCfilt
(5)
For the given example of a 12-Bit system, with tacq=1μs, and a voltage droop of 100mV select Rfilt = 1.2kΩ.
The aforementioned series resistance equation is predicated on a predetermined ADC acquisition time
parameter, operating under the assumption that the output amplifier stage in the INA151 provides sufficient
driving capability to maintain fast settling during the ADC sampling phase.
The minimum achievable acquisition time that the INA151 can reliably support is dependent on the variant,
as each variant implements a different gain network and changes the available bandwidth of the output stage
(BW151), see Electrical Characteristics for each variant.
Use following equation to calculate the minimum acquisition time to drive with INA151:
tacq= 12π×BW151× 17×ln 0.5×FSR2N
Vdroop
(6)
8.2.1.2.3 ADC Input Protection
When the enable pin is driven to logic low (EN=LOW), the input amplifier stage is powered down to reduce the
input current to <1μA at no differential signal. The output stage is set to Hi-Z whereas the impedance is solely
determined by the internal resistor configuration R3+R2.
R1
R1
+
–
+
–
VS
REF
VOUT
VCM
VS+
VCM
VDIFF
Max. ±5V
DGND
EN
VS+
VSub
RS
RS
R3
R3
R2
R2
500k
500k
62.5k
62.5k
Variant A (G=1): 500k
Variant B (G=2/3): 333.33k
Variant C (G=½ ): 250k
Variant D (G=¼): 125k
Figure 8-3. INA151 Block Diagram
Note that the disabled output impedances are internally referenced to the negative supply, V−. When the device
is disabled and connected to a ground-referenced ADC input, voltage transients below ground potential can
www.ti.com
INA151
SLVSIL6B – JANUARY 2026 – REVISED MARCH 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com