Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB855 Datasheet(PDF) 56 Page - Numonyx B.V

Part # M58LR256KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB855 Datasheet(HTML) 56 Page - Numonyx B.V

Back Button M58LR256KB855 Datasheet HTML 52Page - Numonyx B.V M58LR256KB855 Datasheet HTML 53Page - Numonyx B.V M58LR256KB855 Datasheet HTML 54Page - Numonyx B.V M58LR256KB855 Datasheet HTML 55Page - Numonyx B.V M58LR256KB855 Datasheet HTML 56Page - Numonyx B.V M58LR256KB855 Datasheet HTML 57Page - Numonyx B.V M58LR256KB855 Datasheet HTML 58Page - Numonyx B.V M58LR256KB855 Datasheet HTML 59Page - Numonyx B.V M58LR256KB855 Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
Maximum ratings
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
56/111
11
Maximum ratings
Stressing the device above the rating listed in the Table 19: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the Numonyx SURE program
and other relevant quality documents.
Table 19.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient operating temperature
–25
85
°C
TBIAS
Temperature under bias
–25
85
°C
TSTG
Storage temperature
–65
125
°C
VIO
Input or output voltage
–0.5
VDDQ + 0.6
V
VDD
Supply voltage
–0.2
2.5
V
VDDQ
Input/output supply voltage
–0.2
2.5
V
VPP
Program voltage
–0.2
10
V
IO
Output short circuit current
100
mA
tVPPH
Time for VPP at VPPH
100
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com