Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB855 Datasheet(PDF) 11 Page - Numonyx B.V

Part # M58LR256KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB855 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M58LR256KB855 Datasheet HTML 7Page - Numonyx B.V M58LR256KB855 Datasheet HTML 8Page - Numonyx B.V M58LR256KB855 Datasheet HTML 9Page - Numonyx B.V M58LR256KB855 Datasheet HTML 10Page - Numonyx B.V M58LR256KB855 Datasheet HTML 11Page - Numonyx B.V M58LR256KB855 Datasheet HTML 12Page - Numonyx B.V M58LR256KB855 Datasheet HTML 13Page - Numonyx B.V M58LR256KB855 Datasheet HTML 14Page - Numonyx B.V M58LR256KB855 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Description
11/111
Figure 2.
M58LR128KT/B memory map
Table 2.
M58LR128KT/B bank architecture
Number
Bank size
Parameter blocks
Main blocks
Parameter Bank
8 Mbits
4 blocks of 16 Kwords
7 blocks of 64 Kwords
Bank 1
8 Mbits
-
8 blocks of 64 Kwords
Bank 2
8 Mbits
-
8 blocks of 64 Kwords
Bank 3
8 Mbits
-
8 blocks of 64 Kwords
Bank 14
8 Mbits
-
8 blocks of 64 Kwords
Bank 15
8 Mbits
-
8 blocks of 64 Kwords
AI14012
M58LR128KT - Top Boot Block
Address lines A0-A22
8 Main
Blocks
Bank 15
M58LR128KB - Bottom Boot Block
Address lines A0-A22
64 Kword
000000h
00FFFFh
64 Kword
070000h
07FFFFh
64 Kword
600000h
60FFFFh
64 Kword
670000h
67FFFFh
64 Kword
680000h
68FFFFh
64 Kword
6F0000h
6FFFFFh
64 Kword
700000h
70FFFFh
64 Kword
770000h
77FFFFh
64 Kword
780000h
78FFFFh
64 Kword
7E0000h
7EFFFFh
16 Kword
7F0000h
7F3FFFh
16 Kword
7FC000h
7FFFFFh
4 Parameter
Blocks
Parameter
Bank
Parameter
Bank
16 Kword
000000h
003FFFh
16 Kword
00C000h
00FFFFh
64 Kword
010000h
01FFFFh
64 Kword
070000h
07FFFFh
64 Kword
080000h
08FFFFh
64 Kword
0F0000h
0FFFFFh
64 Kword
100000h
10FFFFh
64 Kword
170000h
17FFFFh
64 Kword
180000h
18FFFFh
64 Kword
1F0000h
1FFFFFh
64 Kword
780000h
78FFFFh
64 Kword
7F0000h
7FFFFFh
Bank 3
Bank 2
Bank 1
Bank 15
Bank 3
Bank 2
Bank 1
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
7 Main
Blocks
4 Parameter
Blocks
7 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks
8 Main
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com