Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB855 Datasheet(PDF) 57 Page - Numonyx B.V

Part # M58LR256KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB855 Datasheet(HTML) 57 Page - Numonyx B.V

Back Button M58LR256KB855 Datasheet HTML 53Page - Numonyx B.V M58LR256KB855 Datasheet HTML 54Page - Numonyx B.V M58LR256KB855 Datasheet HTML 55Page - Numonyx B.V M58LR256KB855 Datasheet HTML 56Page - Numonyx B.V M58LR256KB855 Datasheet HTML 57Page - Numonyx B.V M58LR256KB855 Datasheet HTML 58Page - Numonyx B.V M58LR256KB855 Datasheet HTML 59Page - Numonyx B.V M58LR256KB855 Datasheet HTML 60Page - Numonyx B.V M58LR256KB855 Datasheet HTML 61Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
DC and AC parameters
57/111
12
DC and AC parameters
This section summarizes the operating measurement conditions and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables in this
section are derived from tests performed under the measurement conditions summarized in
Table 20: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 7.
AC measurement I/O waveform
Table 20.
Operating and AC measurement conditions
Parameter
M58LRxxxKT/B
Unit
70 ns
85 ns
Min
Max
Min
Max
VDD supply voltage
1.7
2.0
1.7
2.0
V
VDDQ supply voltage
1.7
2.0
1.7
2.0
V
VPP supply voltage (factory environment)
8.5
9.5
8.5
9.5
V
VPP supply voltage (application environment)
–0.4
VDDQ+0.4
–0.4
VDDQ+0.4
V
Ambient operating temperature
–25
85
–25
85
°C
Load capacitance (CL)30
30
pF
Input rise and fall times
5
5
ns
Input pulse voltages
0 to VDDQ
0 to VDDQ
V
Input and output timing ref. voltages
VDDQ/2
VDDQ/2
V
AI06161
VDDQ
0V
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com