Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB855 Datasheet(PDF) 25 Page - Numonyx B.V

Part # M58LR256KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB855 Datasheet(HTML) 25 Page - Numonyx B.V

Back Button M58LR256KB855 Datasheet HTML 21Page - Numonyx B.V M58LR256KB855 Datasheet HTML 22Page - Numonyx B.V M58LR256KB855 Datasheet HTML 23Page - Numonyx B.V M58LR256KB855 Datasheet HTML 24Page - Numonyx B.V M58LR256KB855 Datasheet HTML 25Page - Numonyx B.V M58LR256KB855 Datasheet HTML 26Page - Numonyx B.V M58LR256KB855 Datasheet HTML 27Page - Numonyx B.V M58LR256KB855 Datasheet HTML 28Page - Numonyx B.V M58LR256KB855 Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface
25/111
The Buffer Enhanced Factory Program Command consists of three phases: the setup
phase, the program and verify phase, and the exit phase, Please refer to Table 7: Factory
commands for detailed information.
4.10.1
Setup phase
The Buffer Enhanced Factory Program command requires two bus write cycles to initiate the
command:
●
The first bus write cycle sets up the Buffer Enhanced Factory Program command.
●
The second bus write cycle confirms the command.
After the confirm command is issued, read operations output the contents of the Status
Register. The Read Status Register command must not be issued or it is interpreted as data
to program.
The Status Register P/EC bit SR7 should be read to check that the P/EC is ready to
proceed to the next phase.
If an error is detected, SR4 goes high (set to ‘1’) and the Buffer Enhanced Factory Program
operation is terminated. See Section 5: Status Register for details on the error.
4.10.2
Program and verify phase
The program and verify phase requires 32 cycles to program the 32 words to the write
buffer. The data is stored sequentially, starting at the first address of the write buffer, until the
write buffer is full (32 words). To program less than 32 words, the remaining words should be
programmed with FFFFh.
Three successive steps are required to issue and execute the program and verify phase of
the command:
1.
Use one bus write operation to latch the start address and the first word to be
programmed. The Status Register bank write status bit SR0 should be read to check
that the P/EC is ready for the next word.
2.
Each subsequent word to be programmed is latched with a new bus write operation.
The address must remain the start address as the P/EC increments the address
location. If any address is given that is not in the same block as the start address, the
program and verify phase terminates. Status Register bit SR0 should be read between
each bus write cycle to check that the P/EC is ready for the next word.
3.
Once the write buffer is full, the data is programmed sequentially to the memory array.
After the program operation the device automatically verifies the data and reprograms if
necessary.
The program and verify phase can be repeated, without re-issuing the command, to
program additional 32 word locations as long as the address remains in the same block.
4.
Finally, after all words, or the entire block have been programmed, write one bus write
operation to any address outside the block containing the start address, to terminate
program and verify phase.
Status Register bit SR0 must be checked to determine whether the program operation is
finished. The Status Register may be checked for errors at any time but it must be checked
after the entire block has been programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com