Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB855 Datasheet(PDF) 20 Page - Numonyx B.V

Part # M58LR256KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB855 Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M58LR256KB855 Datasheet HTML 16Page - Numonyx B.V M58LR256KB855 Datasheet HTML 17Page - Numonyx B.V M58LR256KB855 Datasheet HTML 18Page - Numonyx B.V M58LR256KB855 Datasheet HTML 19Page - Numonyx B.V M58LR256KB855 Datasheet HTML 20Page - Numonyx B.V M58LR256KB855 Datasheet HTML 21Page - Numonyx B.V M58LR256KB855 Datasheet HTML 22Page - Numonyx B.V M58LR256KB855 Datasheet HTML 23Page - Numonyx B.V M58LR256KB855 Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
Command interface
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
20/111
4.3
Read Electronic Signature command
The Read Electronic Signature command reads the manufacturer and device codes, the
lock status of the addressed bank, the Protection Register, and the Configuration Register.
One bus write cycle is required to issue the Read Electronic Signature command. Once a
bank is in read electronic signature mode, subsequent read operations in the same bank
output the manufacturer code, the device code, the lock status of the addressed bank, the
Protection Register, or the Configuration Register (see Table 9).
The Read Electronic Signature command can be issued at any time, even during program or
erase operations, except during Protection Register Program operations. Dual operations
between the parameter bank and the electronic signature location are not allowed (see
Table 16: Dual operation limitations for details).
If a Read Electronic Signature command is issued to a bank that is executing a program or
erase operation, the bank goes into read electronic signature mode. Subsequent bus read
cycles output the electronic signature data and the Program/Erase Controller continue to
program or erase in the background.
The Read Electronic Signature command only changes the read mode of the addressed
bank. The read modes of other banks are not affected. Only asynchronous read and single
synchronous read operations should be used to read the electronic signature. A Read Array
command is required to return the bank to read array mode.
4.4
Read CFI Query command
The Read CFI Query command reads data from the common Flash interface (CFI).
One bus write cycle is required to issue the Read CFI Query command. Once a bank is in
read CFI query mode, subsequent bus read operations in the same bank read from the
common Flash interface.
The Read CFI Query command can be issued at any time, even during program or erase
operations.
If a Read CFI Query command is issued to a bank that is executing a program or erase
operation the bank gos into read CFI query mode. Subsequent bus read cycles output the
CFI data and the Program/Erase Controller continues to program or erase in the
background.
The Read CFI Query command only changes the read mode of the addressed bank. The
read modes of other banks are not affected. Only asynchronous read and single
synchronous read operations should be used to read from the CFI. A Read Array command
is required to return the bank to read array mode. Dual operations between the parameter
bank and the CFI memory space are not allowed (see Table 16: Dual operation limitations
for details).
See Appendix B: Common Flash interface and Tables 42, 43, 44, 45, 46, 47, 48, 49, 50 and
51 for details on the information contained in the common Flash interface memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com