Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KB855 Datasheet(PDF) 59 Page - Numonyx B.V

Part # M58LR256KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KB855 Datasheet(HTML) 59 Page - Numonyx B.V

Back Button M58LR256KB855 Datasheet HTML 55Page - Numonyx B.V M58LR256KB855 Datasheet HTML 56Page - Numonyx B.V M58LR256KB855 Datasheet HTML 57Page - Numonyx B.V M58LR256KB855 Datasheet HTML 58Page - Numonyx B.V M58LR256KB855 Datasheet HTML 59Page - Numonyx B.V M58LR256KB855 Datasheet HTML 60Page - Numonyx B.V M58LR256KB855 Datasheet HTML 61Page - Numonyx B.V M58LR256KB855 Datasheet HTML 62Page - Numonyx B.V M58LR256KB855 Datasheet HTML 63Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
DC and AC parameters
59/111
Table 22.
DC characteristics - currents
Symbol
Parameter
Test condition
Typ
Max
Unit
ILI
Input leakage current
0 V
≤VIN ≤VDDQ
±1
µA
ILO
Output leakage current
0 V
≤VOUT ≤VDDQ
±1
µA
IDD1
Supply current
Asynchronous read (f = 5 MHz)
E = VIL, G = VIH
13
15
mA
Supply current
Synchronous read (f = 54 MHz)
4 word
18
20
mA
8 word
20
22
mA
16 word
25
27
mA
Continuous
28
30
mA
Supply current
Synchronous read (f = 66 MHz)
4 word
20
22
mA
8 word
22
24
mA
16 word
27
29
mA
Continuous
30
32
mA
IDD2
Supply current (reset)
128 Mbit
RP = VSS ± 0.2 V
22
70
µA
256 Mbit
70
110
IDD3
Supply current
(standby)
128 Mbit
E = VDD ± 0.2 V
K=VSS
22
70
µA
256 Mbit
70
110
IDD4
Supply current (automatic standby)
E = VIL, G = VIH
22
50
µA
IDD5
(1)
Supply current (program)
VPP = VPPH
10
30
mA
VPP = VDD
20
35
mA
Supply current (erase)
VPP = VPPH
10
30
mA
VPP = VDD
20
35
mA
IDD6
(1),(2) Supply current
(dual operations)
Program/erase in one bank,
asynchronous read in
another bank
33
50
mA
Program/erase in one bank,
synchronous read
(continuous f = 66 MHz) in
another bank
50
67
mA
IDD7
(1)
Supply current
program/erase
suspended (standby)
128 Mbit
E = VDD ± 0.2 V
K=VSS
22
70
µA
256 Mbit
70
110
IPP1
(1)
VPP supply current (program)
VPP = VPPH
25
mA
VPP = VDD
0.2
5
µA
VPP supply current (erase)
VPP = VPPH
25
mA
VPP = VDD
0.2
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com