Electronic Components Datasheet Search
  English  ▼

X  

LB064V02 Datasheet(PDF) 1 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 1 Page - LG Semicon Co.,Ltd.

  LB064V02 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product Specification
1/ 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
SPECIFICATION
FOR
APPROVAL
6.4” V (640 X RGB X 480 ) TFT – LCD
Title
MODEL
BUYER
LB064V02
MODEL
TD01
SUFFIX
LG.Philips LCD Co., Ltd.
SUPPLIER
Please return 1 copy for your confirmation with
your signature and comments.
/
/
/
DATE
SIGNATURE
)
)
(
(
Final Specification
●
Preliminary Specification
C. S. KYEONG /
G. Manager
Product Engineering Dept.
LG. Philips LCD Co., Ltd
APPROVED BY
DATE
REVIEWED BY
PREPARED BY
S. D. Jung /
Manager
H. Y. Park /
Project Leader
Oct.13.2005
Oct.13.2005
Oct.13.2005


Similar Part No. - LB064V02

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LB06 GULFSEMI-LB06 Datasheet
96Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
SIPAT Co,Ltd
LB061DS01 SIPAT-LB061DS01 Datasheet
287Kb / 3P
61.38MHz SAW Filter 1MHz Bandwidth
LB061DS01 SIPAT-LB061DS01 Datasheet
293Kb / 3P
61.38MHz SAW Filter 1MHz Bandwidth
More results

Similar Description - LB064V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-640X480A VISHAY-LCD-640X480A Datasheet
121Kb / 2P
640 X 480 DOTS GRAPHIC LCD
01-Oct-02
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
640 X 480 10.4 VGA Monochrome
logo
Varitronix internationa...
COG-VLGT6566-03 VARITRONIX-COG-VLGT6566-03 Datasheet
2Mb / 18P
4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
COG-VLGT6566-04 VARITRONIX-COG-VLGT6566-04 Datasheet
2Mb / 18P
4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
10.4??VGA (640 x 480) Color TFT LCD
logo
List of Unclassifed Man...
K70DWN2-V1-FF ETC2-K70DWN2-V1-FF Datasheet
625Kb / 13P
Standard LCD Module 800 x RGB x 480 Dots
logo
Hantronix,Inc
HDM6448-6 HANTRONIX-HDM6448-6_15 Datasheet
157Kb / 15P
640 x 480 GRAPHICS LCD DISPLAY MODULE
HDM6448-1 HANTRONIX-HDM6448-1_15 Datasheet
149Kb / 15P
640 x 480 GRAPHICS LCD DISPLAY MODULE
logo
OmniVision Technologies...
OVM7690 OMNIVISION-OVM7690 Datasheet
130Kb / 2P
640 x 480 CameraCube??device
logo
Schneider Electric
XBTGT5330 SCHNEIDER-XBTGT5330 Datasheet
80Kb / 5P
advanced touchscreen panel - 640 x 480 pixels VGA - 10.4" - TFT LCD - 24 V DC
Mar 9, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com