Electronic Components Datasheet Search
  English  ▼

X  

LB064V02 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button LB064V02 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 24Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Product Specification
20 / 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
8. Reliability
{ Result Evaluation Criteria }
1.In the standard condition, there shall be no practical problems that may affect the display function.
1
Ta=50℃ 80%RH 240h
High Temperature and High Humidity
Operation Test
5
0 ~ 10,000 feet (3,048m) 24Hr
0 ~ 40,000 feet (12,192m) 24Hr
Half Sine wave : 180G 2ms. Test Drop : one
direction 1 Drop/1LCM.(Operation System)
Random [10㎐↔300Hz,1.0G. X,Y,Z
Direction.Test Time:one direction/1LCM 30min.
Ta= 0
°C, 240h
Ta= 50
°C, 50%RH, 240h
Ta= -20
°C, 240h
Ta= 60
°C, 240h
Test Condition
1
1
1
1
REM
ARK
Vibration test (operating)
6
Altitude
operating
storage / shipment
8
Shock test (operating)
7
Low temperature operation test
4
High temperature operation test
3
Low temperature storage test
2
High temperature storage test
1
Test Items
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com