Electronic Components Datasheet Search
  English  ▼

X  

LB064V02 Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button LB064V02 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 24Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Product Specification
22 / 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
10-2. Packing Form
a) Package quantity in one box : 20 pcs
b) Box Size : 335 x 281 x 331 (mm)
10. Packing
10-1. Designation of Lot Mark
a) Lot Mark
AB
C
D
E
F
G
H
I
J
K
L
M
A,B,C : SIZE(INCH)
D : YEAR
E : MONTH
F : FACTORY CODE
G : ASSEMBLY CODE
H ~ M : SERIAL NO.
Note
1. YEAR
2. MONTH
4. SERIAL NO.
Mark
Year
0
2010
6
2006
7
2007
8
2008
9
2009
4
2004
5
2005
3
2
1
2003
2002
2001
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
3. FACTORY CODE
C
LPL Nanjing
D
HEESUNG
Mark
Factory Code
K
LPL Gumi
b) Location of Lot Mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
Mark
100001~199999, 200001~299999, 300001~399999, …., A00001~A99999, ….., Z00001~Z99999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com