Electronic Components Datasheet Search
  English  ▼

X  

LB064V02 Datasheet(PDF) 18 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 18 Page - LG Semicon Co.,Ltd.

Back Button LB064V02 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 22Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Product Specification
18 / 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
<REAR VIEW>
Note) Unit:[mm], General tolerance: ± 0.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com