Electronic Components Datasheet Search
  English  ▼

X  

LB064V02 Datasheet(PDF) 16 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 16 Page - LG Semicon Co.,Ltd.

Back Button LB064V02 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 20Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Product Specification
16 / 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
7. Mechanical Characteristics
The contents provide general mechanical characteristics for the model LB064V02. In addition the figures
in the next page are detailed mechanical drawing of the LCD.
97.92 (
± 0.5) mm
Vertical
130g (TYP), 140g(MAX)
Weight
111.5 (
± 0.5)mm
Vertical
6 (
± 0.3)mm
Depth
130.56 (
± 0.5) mm
Horizontal
Active Display Area
145.5 (
± 0.5)mm
Horizontal
Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com