Electronic Components Datasheet Search
  English  ▼

X  

LB064V02 Datasheet(PDF) 2 Page - LG Semicon Co.,Ltd.

Part # LB064V02
Description  6.4 V (640 X RGB X 480 ) TFT LCD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LB064V02 Datasheet(HTML) 2 Page - LG Semicon Co.,Ltd.

  LB064V02 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LB064V02 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Product Specification
2/ 24
LB064V02
Liquid Crystal Display
Ver. 1.0
Oct. 13, 2005
Contents
4
SUMMARY
1
4
FEATURES
2
24
PRECAUTIONS
11
12
7
INTERFACE CONNECTIONS
5-2
COLOR INPUT DATA REFERNECE
5-5
23
DESIGNATION OF LOT MARK
10-1
23
PACKING FORM
10-2
23
PACKING
10
22
EMC
9-2
1
COVER
2
CONTENTS
3
RECORD OF REVISIONS
5
GENERAL SPECIFICATION
3
5
ABSOLUTE MAXIMUM RATINGS
4
6
ELECTRICAL SPECIFICATIONS
5
6
ELECTRICAL CHARACTREISTICS
5-1
10
SIGNAL TIMING SPECIFICATIONS
5-3
11
SIGNAL TIMING WAVEFORMS
5-4
13
POWER SEQUENCE
5-6
14
OPTICAL SFECIFICATIONS
6
18
MECHANICAL CHARACTERISTICS
7
21
RELIABLITY
8
22
INTERNATIONAL STANDARDS
9
22
SAFETY
9-1
Page
ITEM
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com