Electronic Components Datasheet Search
  English  ▼

X  

M25P40-VMP3TP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M25P40-VMP3TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP3TP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M25P40-VMP3TP Datasheet HTML 24Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 25Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 26Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 27Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 28Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 29Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 30Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 31Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
M25P40
28/40
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings" table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 8. Absolute Maximum Ratings
Note: 1. Compliant with JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and
the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU
2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering
See note 1
°C
VIO
Input and Output Voltage (with respect to Ground)
–0.6
4.0
V
VCC
Supply Voltage
–0.6
4.0
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com