Electronic Components Datasheet Search
  English  ▼

X  

M25P40-VMP3TP Datasheet(PDF) 39 Page - STMicroelectronics

Part # M25P40-VMP3TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP3TP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M25P40-VMP3TP Datasheet HTML 32Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 33Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 34Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 35Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 36Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 37Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 38Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 39Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39/40
M25P40
REVISION HISTORY
Table 22. Document Revision History
Date
Rev.
Description of Revision
12-Apr-2001
1.0
Document written
25-May-2001
1.1
Serial Paged Flash Memory renamed as Serial Flash Memory
11-Sep-2001
1.2
Changes to text: Signal Description/Chip Select; Hold Condition/1st para; Protection modes;
Release from Power-down and Read Electronic Signature (RES); Power-up
Repositioning of several tables and illustrations without changing their contents
Power-up timing illustration; SO8W package removed
Changes to tables: Abs Max Ratings/VIO; DC Characteristics/VIL
16-Jan-2002
1.3
FAST_READ instruction added. Document revised with new timings, VWI, ICC3 and clock slew
rate. Descriptions of Polling, Hold Condition, Page Programming, Release for Deep Power-
down made more precise. Value of tW(max) modified.
12-Sep-2002
1.4
Clarification of descriptions of entering Stand-by Power mode from Deep Power-down mode,
and of terminating an instruction sequence or data-out sequence.
VFQFPN8 package (MLP8) added. Document promoted to Preliminary Data.
13-Dec-2002
1.5
Typical Page Program time improved. Deep Power-down current changed. Write Protect setup
and hold times specified, for applications that switch Write Protect to exit the Hardware
Protection mode immediately before a WRSR, and to enter the Hardware Protection mode
again immediately after.
12-Jun-2003
1.6
Document promoted from Preliminary Data to full Datasheet
24-Nov-2003
2.0
Table of contents, warning about exposed paddle on MLP8, and Pb-free options added.
40MHz AC Characteristics table included as well as 25MHz. ICC3(max), tSE(typ) and tBE(typ)
values improved. Change of naming for VDFPN8 package
12-Mar-2004
3.0
Automotive range added. Soldering temperature information clarified for RoHS compliant
devices
05-Aug-2004
4.0
Device Grade information clarified. Data-retention measurement temperature corrected.
Details of how to find the date of marking added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com