Electronic Components Datasheet Search
  English  ▼

X  

M25P40-VMP3TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M25P40-VMP3TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP3TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M25P40-VMP3TP Datasheet HTML 29Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 30Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 31Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 32Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 33Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 34Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 35Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 36Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33/40
M25P40
Table 18. AC Characteristics (40MHz Operation, Device Grade 6)
Note: 1. tCH + tCL must be greater than or equal to 1/ fC
2. Value guaranteed by characterization, not 100% tested in production.
3. Expressed as a slew-rate.
4. Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
5. Details of how to find the date of marking are given in Application Note, AN1995.
40MHz available for products marked since week 20 of 2004, only5
Test conditions specified in Table 9. and Table 16.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock Frequency for the following instructions:
FAST_READ, PP, SE, BE, DP, RES,
WREN, WRDI, RDSR, WRSR
D.C.
40
MHz
fR
Clock Frequency for READ instructions
D.C.
20
MHz
tCH
1
tCLH
Clock High Time
11
ns
tCL
1
tCLL
Clock Low Time
11
ns
tCLCH
2
Clock Rise Time3 (peak to peak)
0.1
V/ns
tCHCL
2
Clock Fall Time3 (peak to peak)
0.1
V/ns
tSLCH
tCSS
S Active Setup Time (relative to C)
5
ns
tCHSL
S Not Active Hold Time (relative to C)
5
ns
tDVCH
tDSU
Data In Setup Time
2
ns
tCHDX
tDH
Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
5
ns
tSHCH
S Not Active Setup Time (relative to C)
5
ns
tSHSL
tCSH
S Deselect Time
100
ns
tSHQZ
2
tDIS
Output Disable Time
9
ns
tCLQV
tV
Clock Low to Output Valid
9
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
5
ns
tCHHH
HOLD Hold Time (relative to C)
5
ns
tHHCH
HOLD Setup Time (relative to C)
5
ns
tCHHL
HOLD Hold Time (relative to C)
5
ns
tHHQX
2
tLZ
HOLD to Output Low-Z
9
ns
tHLQZ
2
tHZ
HOLD to Output High-Z
9
ns
tWHSL
4
Write Protect Setup Time
20
ns
tSHWL
4
Write Protect Hold Time
100
ns
tDP
2
S High to Deep Power-down Mode
3
µs
tRES1
2
S High to Standby Mode without Electronic
Signature Read
3
µs
tRES2
2
S High to Standby Mode with Electronic
Signature Read
1.8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com