Electronic Components Datasheet Search
  English  ▼

X  

M25P40-VMP3TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M25P40-VMP3TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP3TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M25P40-VMP3TP Datasheet HTML 25Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 26Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 27Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 28Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 29Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 30Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 31Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 32Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29/40
M25P40
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 9. Operating Conditions
Table 10. Data Retention and Endurance
Note: 1. This is preliminary data
Table 11. Capacitance
Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 20MHz.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
TA
Ambient Operating Temperature (Device Grade 6)
–40
85
°C
Ambient Operating Temperature (Device Grade 3)
–40
125
Parameter
Condition
Min.
Max.
Unit
Erase/Program Cycles
Device Grade 6
100 000
cycles per
sector
Device Grade 3 1
10 000
Data Retention
Device Grade 6
20
years
Device Grade 3 1 (at 85°C)
20
Symbol
Parameter
Test Condition
Min.
Max.
Unit
COUT
Output Capacitance (Q)
VOUT = 0V
8
pF
CIN
Input Capacitance (other pins)
VIN = 0V
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com