Electronic Components Datasheet Search
  English  ▼

X  

M25P40-VMP3TP Datasheet(PDF) 37 Page - STMicroelectronics

Part # M25P40-VMP3TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP3TP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M25P40-VMP3TP Datasheet HTML 32Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 33Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 34Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 35Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 36Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 37Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 38Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 39Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
37/40
M25P40
Figure 27. MLP8, 8-lead Very thin Dual Flat Package No lead, 6x5mm, Package Outline
Note: Drawing is not to scale.
Table 20. MLP8, 8-lead Very thin Dual Flat Package No lead, 6x5mm, Package Mechanical Data
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.85
1.00
0.0335
0.0394
A1
0.00
0.05
0.0000
0.0020
A2
0.65
0.0256
A3
0.20
0.0079
b
0.40
0.35
0.48
0.0157
0.0138
0.0189
D
6.00
0.2362
D1
5.75
0.2264
D2
3.40
3.20
3.60
0.1339
0.1260
0.1417
E
5.00
0.1969
E1
4.75
0.1870
E2
4.00
3.80
4.20
0.1575
0.1496
0.1654
e
1.27
0.0500
L
0.60
0.50
0.75
0.0236
0.0197
0.0295
θ
12°
12°
D
E
VDFPN-01
A2
A
A3
A1
E1
D1
e
E2
D2
L
b
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com