Electronic Components Datasheet Search
  English  ▼

X  

M25P40-VMP3TP Datasheet(PDF) 31 Page - STMicroelectronics

Part # M25P40-VMP3TP
Description  4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP3TP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M25P40-VMP3TP Datasheet HTML 27Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 28Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 29Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 30Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 31Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 32Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 33Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 34Page - STMicroelectronics M25P40-VMP3TP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31/40
M25P40
Table 14. Instruction Times (Device Grade 6)
Table 15. Instruction Times (Device Grade 3)
Note: 1. At 85°C
2. This is preliminary data
Table 16. AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data out is no longer driven.
Figure 21. AC Measurement I/O Waveform
Test conditions specified in Table 9. and Table 16.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
tW
Write Status Register Cycle Time
5
15
ms
tPP
Page Program Cycle Time
1.4
5
ms
tSE
Sector Erase Cycle Time
1
3
s
tBE
Bulk Erase Cycle Time
4.5
10
s
Test conditions specified in Table 9. and Table 16.
Symbol
Alt.
Parameter
Min.
Typ.1,2
Max.2
Unit
tW
Write Status Register Cycle Time
8
15
ms
tPP
Page Program Cycle Time
1.5
5
ms
tSE
Sector Erase Cycle Time
1
3
s
tBE
Bulk Erase Cycle Time
4.5
10
s
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
AI07455
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels
0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com