Electronic Components Datasheet Search
  English  ▼

X  

TLK1002ARGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1002ARGET
Description  DUAL SIGNAL CONDITIONING TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1002ARGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK1002ARGET Datasheet HTML 2Page - Texas Instruments TLK1002ARGET Datasheet HTML 3Page - Texas Instruments TLK1002ARGET Datasheet HTML 4Page - Texas Instruments TLK1002ARGET Datasheet HTML 5Page - Texas Instruments TLK1002ARGET Datasheet HTML 6Page - Texas Instruments TLK1002ARGET Datasheet HTML 7Page - Texas Instruments TLK1002ARGET Datasheet HTML 8Page - Texas Instruments TLK1002ARGET Datasheet HTML 9Page - Texas Instruments TLK1002ARGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
TLK1002A
DUAL SIGNAL CONDITIONING TRANSCEIVER
SLLS661 – JUNE 2005
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
1.7
1.8
1.9
V
IVCC2
Current from 1.8 V supply
ENA = high, ENB = high,
158
mA
VDD = VDD,max PRBS 1.25 Gbps data on both inputs
VIL,CMOS
Low level CMOS input voltage
VDD= 1.8 V
–0.2
0.6
V
VIH,CMOS
High level CMOS input voltage
VDD = 1.8 V
VDD–0.6
2.7
V
IL,CMOS
Low level CMOS input current
VDD = VDD,max, VIL = 0.0 V
–120
µA
IH,CMOS
High level CMOS input current
VDD = VDD,min, VIH = 2.7 V
165
µA
RPU
Integrated pull-up resistor to VDD
20
k
Ω
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DATA PATHS
ZD,IN
Differential input impedance
100
Ω
TJIN
Total input jitter
BER
≤ 10–12, 1.25 Gbps data
0.606
UI
DJIN
Deterministic input jitter
BER
≤ 10–12, 1.25 Gbps data
0.373
UIpp
VCM,IN
Common-mode input voltage
1200
mV
vS,IN
Single-ended input voltage swing
200
800
1200
mVp-p
vD,IN
Differential input voltage swing
400
1600
2400
mVp-p
X1IN
BER
≤ 10–12, 1.25 Gbps data,
0.303
UI
See Figure 2
Y1IN
Input eye mask
200
mV
Y2IN
1200
mV
tR,OUT,
Output signal rise/fall time
20% to 80%
150
260
ps
tF,OUT
TJOUT
Total output jitter
1.25 Gbps input from 3.3G pattern
0.20
0.28
UI
generator at 0 ppm
DJOUT
Deterministic output jitter
1.25 Gbps input from 3.3G pattern
0.1
UIpp
generator at 0 ppm
VCM,OUT
Common-mode output voltage
800
1000
1200
mV
vS,OUT
Single-ended output voltage swing
440
800
1000
mVp-p
vD,OUT
Differential output voltage
880
1600
2000
mVp-p
X1OUT
0.12
UI
1.25 Gbps input from 3.3G pattern
X2OUT
0.32
UI
Output eye mask
generator at 0 ppm
Y1OUT
440
mV
See Figure 3
Y2OUT
1000
mV
tD
RX to TX latency
25
ns
tINI
Lock acquisition from link down
See (1) and (2)
4
µs
tLCK
Lock recovery on link discontinuity
See (2)
1.6
µs
(1)
Assuming maximum initial CDR phase offset and maximum frequency difference between reference clock and input data.
(2)
The output data may contain bit errors during lock-in time, dependent on the input-data sequence and the input-data jitter. However it is
assured, that the output-data does not contain bits with widths deviating significantly from the nominal bit width.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com