Electronic Components Datasheet Search
  English  ▼

X  

TLK1002ARGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1002ARGET
Description  DUAL SIGNAL CONDITIONING TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1002ARGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK1002ARGET Datasheet HTML 4Page - Texas Instruments TLK1002ARGET Datasheet HTML 5Page - Texas Instruments TLK1002ARGET Datasheet HTML 6Page - Texas Instruments TLK1002ARGET Datasheet HTML 7Page - Texas Instruments TLK1002ARGET Datasheet HTML 8Page - Texas Instruments TLK1002ARGET Datasheet HTML 9Page - Texas Instruments TLK1002ARGET Datasheet HTML 10Page - Texas Instruments TLK1002ARGET Datasheet HTML 11Page - Texas Instruments TLK1002ARGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
+
−
input buffer
stage
VML output
buffer
Q
Q
input buffer
stage
+
-
VML output
buffer
Q
Q
MUX
I1
I2
Q
SEL
reference voltage and
bias current generation
VDD
GND
VDD
GND
RXB+
RXB−
TXA+
TXA−
RXA+
RXA−
TXB+
TXB−
RCLK
low−noise
half−rate clock
synthesizer PLL
ICLK
RCLK
QCLK
signal
conditioning PLL
ICLK
DOUT
DIN
QCLK
signal
conditioning PLL
ICLK
DIN
DOUT
QCLK
2
2
2
amplifier
stage
2
MUX
I1
I2
Q
SEL
2
LBB
ENB
ENA
LBA
2
2
2
2
INTERNAL LOOP-BACK MODE A
+
−
input buffer
stage
VML output
buffer
Q
Q
input buffer
stage
+
-
VML output
buffer
Q
Q
MUX
I1
I2
Q
SEL
reference voltage and
bias current generation
VDD
GND
VDD
GND
RXB+
RXB−
TXA+
TXA−
RXA+
RXA−
TXB+
TXB−
RCLK
low−noise
half−rate clock
synthesizer PLL
ICLK
RCLK
QCLK
signal
conditioning PLL
ICLK
DOUT
DIN
QCLK
signal
conditioning PLL
ICLK
DIN
DOUT
QCLK
2
2
2
amplifier
stage
2
MUX
I1
I2
Q
SEL
2
LBB
ENB
ENA
LBA
2
2
2
2
INTERNAL LOOP-BACK MODE B
TLK1002A
DUAL SIGNAL CONDITIONING TRANSCEIVER
SLLS661 – JUNE 2005
OPERATIONAL MODES (continued)
Figure 4. Data Path in Normal Operation Mode
In internal loop-back mode A operation, which is activated by pulling the LBA pin to logic low level, the input data
signal at the RXA+/RXA– pins is applied to the input buffer driving a signal conditioning PLL. The retimed output
signal is connected to the output pins TXB+/TXB– by means of a multiplexer stage and a VML output buffer.
Furthermore, by means of a second multiplexer the same signal is fed to the second VML output buffer, which
drives the TXA+/TXA– output.
The signal applied to the RXB+/RXB– input is not fed to any output in this mode.
Figure 5. Data Path in Internal Loop-Back Mode A
In internal loop-back mode B operation, which is activated by pulling the LBB pin low, the input data signal at the
RXB+/RXB–
 pins is applied to an input buffer driving a signal conditioning PLL. The retimed output signal is
connected to the output pins TXA+/TXA– by means of a multiplexer stage and a VML output buffer.
Additionally, by means of a second multiplexer, the same signal is fed to the second VML output buffer, which
drives the TXB+/TXB– output
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com