Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2102 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZIOL2102 Datasheet HTML 1Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 2Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 3Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 4Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 5Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 6Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 7Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 8Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 26, 2016
1
The ZIOL2xxx IC Family Overview
IDT provides a universal and IO-Link compatible cable driver IC by issuing the ZIOL2401 integrated circuit. The
ZIOL2401 is highly configurable and suitable for a wide range of applications in process and factory automation.
In order to fulfill the requirements of specific applications stripped down versions of the IC were required. The
ZIOL2xxx IC family is derived from the ZIOL2401 by modification (elimination or disabling) of certain functional
building blocks. In this combination the following building blocks or functions are affected:
•
The transceiver channels COM and AUX
•
The availability of the integrated DC/DC converter
•
The activation of a read-only data access via the SPI interface
This datasheet describes the entire IC family ZIOL2xxx. Respective notes or footnotes describe the availability the
above mentioned building blocks or functionality with respect to certain IC family members. Table 1.1 shows an
overview concerning the ZIOL2xxx IC family and the used naming convention.
Table 1.1
ZIOL2xxx Product Matrix and Product Naming Convention
ZIOL2xxx
Member
Transceiver
Channel
DC/DC
Converter
SPI
Access
Remarks
ZIOL2401
COM + AUX
yes
r/w
Base type - released
ZIOL2201
COM
yes
r/w
released
ZIOL2101
AUX
yes
r/w
1)
ZIOL2411
COM + AUX
no
r/w
released
ZIOL2211
COM
no
r/w
released
ZIOL2111
AUX
no
r/w
1)
ZIOL2402
COM + AUX
yes
r
1)
ZIOL2202
COM
yes
r
1)
ZIOL2102
AUX
yes
r
1)
ZIOL2412
COM + AUX
no
r
1)
ZIOL2212
COM
no
r
1)
ZIOL2112
AUX
no
r
1)
1)
For future product releases, please contact IDT's sales representative
Z IO L 2 xxx
SPI Access
1 = read/write
2 = read-only
DC/DC Converter
0 = available
1 = not available
Transceiver Channels
4 = Two Channels (COM and AUX)
2 = COM channel only
1 = AUX Channel only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com