Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2102 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 48Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 49Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 50Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 51Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 52Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 53Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 54Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 55Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
52
April 26, 2016
In order to reduce power dissipation, caused by the voltage drop above the regulating transistor, the regulator can
be powered with an input voltage less than VDD_HV. If for example the on-chip DC/DC converter is in use and its
output voltage is set to at least 5V, then the linear regulator can be powered with this output voltage.
The electrical characteristics are shown in the chapter “operating conditions” (chapter 1).
The following block schematic (Figure 3.19) shows the principle of the low voltage generation in conjunction with a
possible usage of the on chip DC/DC converter. For more information about required external components refer to
chapter 4.
Figure 3.19 Low Voltage Supply Concept
DC/DC
3...15V
Start-up
Regulator
3.0V
Linear
Regulator
3.3V
VDD
LR_IN
IC core circuit
2 channel driver
VSS
external
application
supply
internal LV
supply
ZMDIOL2401
LR_OUT
3.3V supply
for external application
LR_IN alternatively connected to
- VDD_HV (cable supply voltage) or
- VOUT (DC/DC converter output)
VSS
VDD_HV
SW
FB
VDD_LV
VIN
VOUT
External source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com