Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2102 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 63Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 64Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 65Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 66Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 67Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 68Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 69Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 70Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
67
April 26, 2016
6
Package
6.1. Package Details QFN24 4x4mm
6.1.1.
Pin Hardware Configurations
In contrast to the integrated circuit product ZIOL2xxx which is base IC for the ZIOL2xxx IC family, not all derived
ICs provide all electrical pin interconnections as provided with the ZIOL2xxx. Table 6.1 shows what pins are not
connected (n.c.).
Table 6.1
Availability of Pin Interconnections
Pin
Number
(QFN
package)
Pin
Name
ZIOL
240x
2) 3)
ZIOL
241x
2) 3)
ZIOL
220x
2) 3)
ZIOL
221x
2) 3)
ZIOL
210x
2) 3)
ZIOL
211x
2) 3)
PCB Design
Recommendations
for not connected
(n.c.) Pins
12
COM_I
+
+
+
+
n.c.
n.c.
Connect to VSS
13
COM_O
+
+
+
+
n.c.
n.c.
Connect to VSS
19
AUX_I
+
+
n.c.
n.c.
+
+
Connect to VSS
18
AUX_O
+
+
n.c.
n.c.
+
+
Connect to VSS
21
SW
+
n.c.
+
n.c.
+
n.c.
Do not connect
22
FB
+
n.c.
+
n.c.
+
n.c.
Do not connect
1)
2) “+”:
Pin is in connected, regular use as mentioned in this datasheet
3) “n.c.”: Pin is not connected, the PC design recommendations shall be considered
6.1.2.
Pin Diagram
The standard package of the ZIOL2xxx is a “sawn type” 24 pin MicroLeadFrame package (Amkor, QFN24): It is a
green package having a 4mm body width and a lead pitch of 0.5 mm (refer to [3] in chapter 8).
With respect to the different pin hardware configurations of certain ICs of the product family ZIOL2xxx not all pins
are interconnected with the silicon die (for more information refer to Table 6.1). The pin diagram shown in Figure
6.1 does not reflect this or can be considered as the pin diagram of the ZIOL2xxx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com