Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2102 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 56Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 57Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 58Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 59Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 60Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 61Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 62Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 63Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
IO-Link Compliant HV Line
Driver IC Family
ZIOL2xxx
Datasheet
© 2016 Integrated Device Technology, Inc.
60
April 26, 2016
4
Application Information
ZIOL2xxx application circuits contain usually external components, which are required for overvoltage and reverse
polarity protection. Table 4.1 provides a summary about requires components. The in the following figures used
external components, in particular the special component type and it parameters are mentioned in this table.. The
following schematics show standard application circuits in principle with the focus to the interface part of the
physical level transceiver performed by the ZIOL2xxx Ics..
Figure 4.1
Simplified Application Circuit with the ZIOL2xxx in Device Mode
µC
GND
Vcc
ZIOL2401
AUX_EN
AUX_TX
WURQ
RX
TX
TX_EN
INT_L
RST_L
PFD
SW
FB
VDD
COM_O
VSS
LR_IN
LR_OUT
COM_I
Application
specific
analog
part
AUX_O
Standard
Cable
Device (Sensor)
L1
R1
R2
C1
C3
C5
D1
C4
D2
D3
D6
D5
Vout
DC_RDY
L+
L-
C/Q
D7
D4
AUX_I
AUX_RX
C2
In principle an IO-Link device cable interface (or the interface for a standard sensor/actuator) requires four (one
channel) or six (Two channels) protection diodes. The diodes D4 … D7 are fast clipping schottky diodes. Those
highly recommended diodes damp signal overshoots and make sure that in IO-Link device applications the device
can detect supply power failures as illustrated in Figure 4.3. D2 and D3 provide the reverse polarity protection for
the device unit as shown in Figure 4.1.
Since there is normally no chance in IO-Link master applications to apply the supply voltage in reverse manner,
the reverse polarity protection diodes D2 and D3 can be omitted in master applications (Figure 4.2). With respect
to Figure 4.1 and Figure 4.2 the PFD pin (prior IC Rev B called M_EN pin) is connected to power or ground as it
was required in using Rev A. Using this way of interconnections of the PFD pin requires disabling of the line-fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com