Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2102 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 13Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 14Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 15Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 16Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 17Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 18Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 19Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 20Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
17
April 26, 2016
Table 3.1
Master-Device-Mode Function Table
Data Path Configuration
MASTER_SENS
_CTRL[7:5]
[7] = MASTER_MODE
[6] = EN_FOLLOW_PRIM_CH
[5] = PRIMARY_MASTER_CH
Data Path
Switch
Position
Receiver
available
1)
RX/
MISO
State
control
REMARKS
T
y
p
e
Global IC Function
S
0
S
1
S
2
S
3
0
Device Mode
0 X X
A
A
A
A
COM
2)
AUX
push/ pull
Equivalent to
IC Rev A
Device Mode
1
Master Mode,
COM = prim channel,
AUX enable not following
prim-ch
1 0 0
B
A
A
A
COM
2)
AUX
push/ pull
Equivalent to
IC Rev A
Master Mode
2
Master Mode,
COM = prim channel,
AUX enable is following
prim-ch
1)
1 1 0
B
B
A
A
COM
2)
AUX
push/ pull
Saves one
interconnection
wire (AUX_EN)
to µC
3
Master Mode,
AUX = prim channel,
COM enable is following
prim-ch
3)
1 1 1
A
A
B
B
AUX
push/ pull
high-Z if
SPI_EN_L
= high
Process (IO-
Link) and
Service (SPI)
data separation
– SPI pin bus
wiring!
4
Master Mode,
AUX = prim channel,
COM is disabled
4)
1 0 1
A
A
B
C
1) If AUX_EN is permanently wired to GND, the total driver strength can be controlled by toggling the MASTER_SENS_CTRL[6] bit (0:
AUX disabled using just COM/ 1: AUX enabled if COM is enabled = double strength).
 Switching between type 1 and 2 via SPI
access.
2) The logic value of the COM receiver output (RX) is available if the SPI communication is disabled (SPI_EN_L = 1).
3) Driver strength is “double” – “WAKE_UP_MODE”. The total driver strength can be decreased by switching to type 4 (single strength).
4) Driver strength is “single”. The total driver strength can be increased by switching to type 3 (double strength)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com