Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2102 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 81Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 82Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 83Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 84Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 85Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 86Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 87Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 88Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
85
April 26, 2016
Figure 10.4 Overload Counter Behavior in typical Over-Temperature Situations
Channel
Driver
unlocked
Over-temperature
Reg[20]
Peak Counter
Reg[21:25]
Overload
Counter
Assert time
Exception
(state signal)
Reg[20]
locked
monitored temperature value exceeds the configured limit
overload counter equals
configured limit
time
time
time
time
Lock time
Read Acces of
Peak Counter
(via SPI)
unlocked
A.3. Overload Counter and Lock Reset Methods
The ZIOL2xxx has two special status registers (register[16:17]). Those status registers do not contain information
about the IC status. Thus reading those registers will always result to the value zero for each register. However
those registers are used to perform special resets within the COM, AUX, and temperature lock circuits. In addition
to that register[16] can also reset the WURQ exception.
The way to perform a particular reset operation is writing into the register (write
24 pulse access; please refer to
chapter 3.3.9) the bit-value “1” at a certain bit position which is assigned to the desired reset operation.
Register[16] performs the following reset operations by writing a “1” into the following bit positions:
•
Bit[0]:
Reset over-temperature counter and reset of the internal and
stored over-temperature (OVT) exception
•
Bit[1]:
Reset the COM over-current counter and reset of the internal and stored
COM over-current (OVT) exception
•
Bit[2]:
Reset the AUX COM over-current counter and reset of the internal and
stored AUX over-current (OVT) exception
24 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com