Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CVZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL3232CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CVZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL3232CVZ Datasheet HTML 1Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 2Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 3Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 4Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 5Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
1. Overview
FN4805 Rev.23.00
Page 3 of 36
Apr.26.19
1.
Overview
1.1
Typical Operating Circuits
ICL3221
ICL3222
ICL3223
ICL3232
15
VCC
T1OUT
T1IN
T1
0.1µF
+0.1µF
+
0.1µF
11
13
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
5
6
R1OUT
R1IN
R1
8
9
5kΩ
C1
C2
+ C3
C4
EN
1
GND
+3.3V
+
0.1µF
14
FORCEON
FORCEOFF
12
16
VCC
10
INVALID
To Power
Control
Logic
C3 (Optional Connection, Note)
NOTE: The negative terminal of C3 can be
connected to either VCC or GND
17
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1µF
+
0.1µF
+
0.1µF
12
11
15
8
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
5
6
R1OUT
R1IN
14
5kΩ
R2OUT
R2IN
9
10
5kΩ
13
C1
C2
+ C3
C4
EN
SHDN
1
GND
18
+3.3V
+
0.1µF
16
VCC
R1
R2
C3 (Optional Connection, Note)
NOTE: The negative terminal of C3 can be
connected to either VCC or GND
19
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1µF
+
0.1µF
+
0.1µF
13
12
17
8
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
5
6
R1OUT
R1IN
16
5kΩ
R2OUT
R2IN
9
10
5kΩ
15
C1
C2
+ C3
C4
EN
1
GND
+3.3V
+
0.1µF
18
R1
R2
FORCEON
FORCEOFF
14
20
VCC
11
INVALID
To Power
Control Logic
16
VCC
T1OUT
T2OUT
T1IN
T2IN
T1
T2
0.1µF
+
0.1µF
+
0.1µF
11
10
14
7
1
3
2
6
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
4
5
R1OUT
R1IN
13
5kΩ
R2OUT
R2IN
8
9
5kΩ
12
C1
C2
+ C3
C4
GND
+3.3V
+
0.1
μF
15
R1
R2
C3 (Optional Connection, Note)
NOTE: The negative terminal of C3 can be
connected to either VCC or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com