Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CVZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICL3232CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CVZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICL3232CVZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 22Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 23Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 24Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 21 of 36
Apr.26.19
4.13 Interconnection with 3V and 5V Logic
The ICL32xx directly interface with 5V CMOS and TTL logic families. With the ICL32xx at 3.3V, and the logic
supply at 5V, AC, HC, and CD4000 outputs can drive ICL32xx inputs, but ICL32xx outputs do not reach the
minimum VIH for these logic families. See Table 7 for more information.
Figure 16. Transmitter Loopback Test Circuit
Figure 17. Loopback Test at 120kbps
Figure 18. Loopback Test at 250kbps
Table 7.
Logic Family Compatibility with Various Supply Voltages
System Power-Supply
Voltage (V)
VCC Supply
Voltage (V)
Compatibility
3.3
3.3
Compatible with all CMOS families.
5
5
Compatible with all TTL and CMOS logic families.
5
3.3
Compatible with ACT and HCT CMOS, and with TTL. ICL32xx outputs
are incompatible with AC, HC, and CD4000 CMOS inputs.
ICL32xx
VCC
FORCEOFF
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5k
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1µF
VCC
EN
SHDN OR
T1IN
T1OUT
R1OUT
5µs/Div
VCC = +3.3V
5V/Div
C1 - C4 = 0.1µF
T1IN
T1OUT
R1OUT
2µs/Div
5V/Div
VCC = +3.3V
C1 - C4 = 0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com