Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CVZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICL3232CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CVZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICL3232CVZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 16 of 36
Apr.26.19
4.5.2 INVALID Output
The INVALID output always indicates whether a valid RS-232 signal is present at any of the receiver inputs (See
Table 5), giving you a way to determine when the interface block should power down. In the case of a
disconnected interface cable where all the receiver inputs are floating (but pulled to GND by the internal receiver
pull down resistors), the INVALID logic detects the invalid levels and drives the output low. The power
management logic then uses this indicator to power down the interface block. Reconnecting the cable restores
valid levels at the receiver inputs, INVALID switches high, and the power management logic wakes up the
interface block. INVALID can also be used to indicate the DTR or RING INDICATOR signal as long as the other
receiver inputs are floating or driven to GND (as in the case of a powered down driver). Connecting FORCEOFF
and FORCEON together disables the automatic powerdown feature, enabling them to function as a manual
SHUTDOWN input (See Figure 10).
N.A.
H
N.A.
H
Active
High-Z
Active
N.A.
Normal Operation w/Rcvr.
Disabled
ICL3221, ICL3223
No
H
H
L
Active
Active
N.A.
L
Normal Operation
(Auto Powerdown Disabled)
No
H
H
H
Active
High-Z
N.A.
L
Yes
H
L
L
Active
Active
N.A.
H
Normal Operation
(Auto Powerdown Enabled)
Yes
H
L
H
Active
High-Z
N.A.
H
No
H
L
L
High-Z
Active
N.A.
L
Powerdown Due to Auto
Power-Down Logic
No
H
L
H
High-Z
High-Z
N.A.
L
Yes
L
X
L
High-Z
Active
N.A.
H
Manual Powerdown
Yes
L
X
H
High-Z
High-Z
N.A.
H
Manual Powerdown w/Rcvr.
Disabled
No
L
X
L
High-Z
Active
N.A.
L
Manual Powerdown
No
L
X
H
High-Z
High-Z
N.A.
L
Manual Powerdown w/Rcvr.
Disabled
ICL3243
No
H
H
N.A.
Active
Active
Active
L
Normal Operation
(Auto Powerdown Disabled)
Yes
H
L
N.A.
Active
Active
Active
H
Normal Operation
(Auto Powerdown Enabled)
No
H
L
N.A.
High-Z
Active
Active
L
Powerdown Due to Auto
Power-Down Logic
Yes
L
X
N.A.
High-Z
High-Z
Active
H
Manual Powerdown
No
L
X
N.A.
High-Z
High-Z
Active
L
Manual Powerdown
Note:
6. Applies only to the ICL3241 and ICL3243.
Table 5.
Powerdown and Enable Logic Truth Table (Continued)
RS-232
Signal Present at
Receiver Input?
FORCEOFF
or SHDN
Input
FORCEON
Input
EN
Input
Transmitter
Outputs
Receiver
Outputs
ROUTB
Outputs
(Note 6)
INVALID
Output
Mode of Operation
ICL3222, ICL3241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com