Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CVZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL3232CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CVZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL3232CVZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
2. Specifications
FN4805 Rev.23.00
Page 10 of 36
Apr.26.19
2.3
Recommended Operating Conditions
2.4
Electrical Specifications
Parameter
Minimum
Maximum
Unit
Temperature Range
ICL32xxCx
0
+70
°C
ICL32xxIx
-40
+85
°C
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; unless otherwise specified. Typicals are at TA = 25°C
Parameter
Test Conditions
Tem
p
(°C)
Min
Typ
Max
Uni
t
DC Characteristics
Supply Current, Automatic
Power-Down
All RIN open, FORCEON = GND, FORCEOFF =VCC
(ICL3221, ICL3223, ICL3243 only)
25
-
1.0
10
µA
Supply Current, Powerdown
FORCEOFF = SHDN = GND (except ICL3232)
25
-
1.0
10
µA
Supply Current, Automatic
Power-Down Disabled
All outputs unloaded,
FORCEON = FORCEOFF =
SHDN =VCC
VCC = 3.15V,
ICL3221-32
25
-
0.3
1.0
mA
VCC = 3.0V, ICL3241-43
25
-
0.3
1.0
mA
Logic and Transmitter Inputs and Receiver Outputs
Input Logic Threshold Low
TIN, FORCEON, FORCEOFF, EN, SHDN
Full
-
-
0.8
V
Input Logic Threshold High
TIN, FORCEON, FORCEOFF,
EN, SHDN
VCC = 3.3V
Full
2.0
-
-
V
VCC = 5.0V
Full
2.4
-
-
V
Input Leakage Current
TIN, FORCEON, FORCEOFF, EN, SHDN
Full
-
±0.01
±1.0 µA
Output Leakage Current
(Except ICL3232)
FORCEOFF = GND or EN =VCC
Full
-
±0.05
±10
µA
Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
Output Voltage High
IOUT = -1.0mA
Full
VCC -
0.6
VCC -
0.1
-V
Automatic Powerdown (ICL3221, ICL3223, ICL3243 only, FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to Enable
Transmitters
ICL32xx powers up (See Figure 12)
Full
-2.7
-
2.7
V
Receiver Input Thresholds to Disable
Transmitters
ICL32xx powers down (See Figure 12)
Full
-0.3
-
0.3
V
INVALID Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID Output Voltage High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Threshold to Transmitters
Enabled Delay (tWU)
25
-
100
-
µs
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
30
-
µs
Receiver Inputs
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
VCC = 3.3V
25
0.6
1.2
-
V
VCC = 5.0V
25
0.8
1.5
-
V
Input Threshold High
VCC = 3.3V
25
-
1.5
2.4
V
VCC = 5.0V
25
-
1.8
2.4
V
Input Hysteresis
25
-
0.3
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com