Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CVZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ICL3232CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CVZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ICL3232CVZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 22Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 23Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 24Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 25Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 22 of 36
Apr.26.19
4.14 Pin Compatible Replacements For 5V Devices
The ICL3221/22/32 are pin compatible with existing 5V RS-232 transceivers (see the “Features” on page 1 for
details), which coupled with the low ICC and wide operating supply range, make the ICL32xx potential lower
power, higher performance, drop-in replacements for existing 5V applications. As long as the ±5V RS-232 output
swings are acceptable, and transmitter input pull-up resistors are not required, the ICL32xx should work in most
5V applications.
When replacing a device in an existing 5V application, it is acceptable to terminate C3 to VCC as shown on the
“Typical Operating Circuits” on page 3. Terminate C3 to GND if possible, as slightly better performance results
from this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com