Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CVZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ICL3232CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CVZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ICL3232CVZ Datasheet HTML 28Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 29Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 30Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 31Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 32Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 33Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 34Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 35Page - Renesas Technology Corp ICL3232CVZ Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
7. Package Outline Drawings
FN4805 Rev.23.00
Page 32 of 36
Apr.26.19
Notes:
1. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.20mm (0.0078 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.20mm (0.0078
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “B” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.13mm (0.005 inch) total in excess
of “B” dimension at maximum material condition.
10. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
α
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
B S
e
-A-
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
C
H
0.25(0.010)
B
M
M
L
0.25
0.010
GAUGE
PLANE
A2
M20.209 (JEDEC MO-150-AE ISSUE B)
20 Lead Shrink Small Outline Plastic Package (SSOP)
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.068
0.078
1.73
1.99
A1
0.002
0.008’
0.05
0.21
A2
0.066
0.070’
1.68
1.78
B
0.010’
0.015
0.25
0.38
9
C
0.004
0.008
0.09
0.20’
D
0.278
0.289
7.07
7.33
3
E
0.205
0.212
5.20’
5.38
4
e
0.026 BSC
0.65 BSC
H
0.301
0.311
7.65
7.90’
L
0.025
0.037
0.63
0.95
6
N20
20
7
α
0 deg.
8 deg.
0 deg.
8 deg.
Rev. 3 11/02
For the most recent package outline drawing, see M20.209.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com