Electronic Components Datasheet Search
  English  ▼

X  

TSH120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH120 Datasheet HTML 2Page - STMicroelectronics TSH120 Datasheet HTML 3Page - STMicroelectronics TSH120 Datasheet HTML 4Page - STMicroelectronics TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics TSH120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
TSH120
6/13
Figure 6.
Quiescent current vs. supply
Figure 7.
Output DC shift vs. VCC
2.02.5
3.03.5
4.04.5
5.05.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
no input signal
Load=150
Ω
Vcc (V)
2.02.5
3.03.5
4.04.5
5.05.5
120
125
130
135
140
145
150
Vin=+0.5Vdc
Load=150
Ω
Vcc (V)
Figure 8.
Standby - Output Ton (VCC=+3.3V)
Figure 9.
Standby - Output Toff (VCC=+3.3V)
Out
Pin-5
Out
Pin-5
Out
Pin-5
Out
Pin-5
Figure 10.
Flatness vs. Tamb
Figure 11.
Ibias vs. Tamb
-40
-20
0
20
40
60
80
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
Vcc=+2.5V
Vcc=+3.3V
Vout=2Vp-p
Load=150
Ω
Temperature (°C)
-40
-20
0
2040
6080
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
Vcc=+2.5V and +3.3V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com