Electronic Components Datasheet Search
  English  ▼

X  

TSH120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH120 Datasheet HTML 1Page - STMicroelectronics TSH120 Datasheet HTML 2Page - STMicroelectronics TSH120 Datasheet HTML 3Page - STMicroelectronics TSH120 Datasheet HTML 4Page - STMicroelectronics TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute maximum ratings
TSH120
2/13
1
Absolute maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vin
Input voltage range(2)
2.
The magnitude of input and output voltage must never exceed VCC +0.3V.
2V
Toper
Operating free air temperature range
-40 to +105
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
430
°C/W
Rthjc
Thermal resistance junction to case
58
°C/W
Pmax
Maximum power dissipation(3) for Tj=150°C
Ta=+25°C
Ta=+85°C
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on
amplifiers.
290
150
mW
ESD
HBM: human body model (4)
except pin-4
pin-4
4.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
1.5
kV
MM: machine model (5)
5.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating. This is a minimum value.
200
V
Latch-up immunity
200
mA
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
Tested in full production at +2.5V and +3.3V single supply voltage.
2.2 to 5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com