Electronic Components Datasheet Search
  English  ▼

X  

TSH120 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH120 Datasheet HTML 3Page - STMicroelectronics TSH120 Datasheet HTML 4Page - STMicroelectronics TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics TSH120 Datasheet HTML 10Page - STMicroelectronics TSH120 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSH120
Electrical characteristics
7/13
Figure 12.
Voltage gain vs. Tamb
Figure 13.
Filter attenuation vs. Tamb
-40
-20
0
2040
6080
5.80
5.85
5.90
5.95
6.00
6.05
6.10
Vcc=+2.5V and +3.3V
Load=150
Ω
Temperature (°C)
-40
-20
0
2040
6080
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
Vcc=+3.3V
Vcc=+2.5V
Load=150
Ω
Temperature (°C)
Figure 14.
Supply current vs. Tamb
Figure 15.
Output DC shift vs. Tamb
Figure 16.
VOH vs. Tamb
Figure 17.
VOL vs. Tamb
-40
-20
0
20
40
60
80
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Vcc=+2.5V and +3.3V
no input signal
no Load
Temperature (°C)
-40
-20
0
2040
6080
80
90
100
110
120
130
140
150
160
170
180
Vcc=+2.5V and +3.3V
Load=150
Ω
Temperature (°C)
-40
-20
0
2040
6080
2.0
2.5
3.0
3.5
4.0
Vcc=+2.5V
Vcc=+3.3V
Load=150
Ω
Temperature (°C)
-40
-20
0
2040
6080
0
1
2
3
4
5
6
7
8
9
10
Vcc=+2.5V
Vcc=+3.3V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com