Electronic Components Datasheet Search
  English  ▼

X  

TSH120 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH120 Datasheet HTML 4Page - STMicroelectronics TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics TSH120 Datasheet HTML 10Page - STMicroelectronics TSH120 Datasheet HTML 11Page - STMicroelectronics TSH120 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Implementation in the application
TSH120
8/13
3
Implementation in the application
This section explains how the TSH120 video buffer operates in a typical application.
On the input, a DC level shifter optimizes the position of the video signal with no clamping
on the output rails. The filter is a reconstruction filter. It is used to attenuate the DAC’s
sampling frequency which causes a parasitic signal in the video spectrum (typically at
27MHz in the case of standard video). This function must be achieved while keeping a low
group delay.
On the output, the SAG correction decreases Cout while keeping a very low frequency pole
(see Figure 18). Nevertheless, the output can be directly connected to the line without any
capacitor. In this case, both OUT and SAG pins are connected together and the equivalent
gain of the buffer remains 6dB (see Figure 19).
Figure 18.
Schematic diagram with output capacitor
Figure 19.
Schematic diagram without output capacitor
75
75
cable
75
+
-
+2.2V to +5.5V
Cout
33µF
Rail-to-rail
DC shifter
LPF
3rd order
1
TV
Video
DAC
1Vpp
2Vpp
1Vpp
SAG
6
2
4
3
5 Shutdown
22µF
75
75
cable
75
+
-
+2.2V to +5.5V
Cout
33µF
Rail-to-rail
DC shifter
LPF
3rd order
1
TV
Video
DAC
1Vpp
2Vpp
1Vpp
SAG
6
2
4
3
5 Shutdown
22µF
75
75
cable
75
+
-
Rail-to-rail
DC shifter
LPF
3rd order
1
TV
Video
DAC
1Vpp
2Vpp
1Vpp
SAG
6
2
4
3
5 Shutdown
+2.2V to +5.5V
75
75
cable
75
+
-
Rail-to-rail
DC shifter
LPF
3rd order
1
TV
Video
DAC
1Vpp
2Vpp
1Vpp
SAG
6
2
4
3
5 Shutdown
+2.2V to +5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com