Electronic Components Datasheet Search
  English  ▼

X  

TSH120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH120 Datasheet HTML 1Page - STMicroelectronics TSH120 Datasheet HTML 2Page - STMicroelectronics TSH120 Datasheet HTML 3Page - STMicroelectronics TSH120 Datasheet HTML 4Page - STMicroelectronics TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TSH120
Electrical characteristics
3/13
2
Electrical characteristics
Table 3.
Electrical characteristics for VCC = +2.5V and +3.3V, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vdc
Output DC level shift
RL = 150Ω
94
129
158
mV
Tmin ≤ Tamb ≤ Tmax
403
μV/°C
Iib
Input bias current
VCC= +3.3V
Tmin ≤ Tamb ≤ Tmax
-880
-550
-650
nA
VCC= +2.5V
Tmin ≤ Tamb ≤ Tmax
-840
-550
-620
G
Internal voltage gain
Vin=1V
Tmin ≤ Tamb ≤ Tmax
5.95
6.1
6.05
6.2
dB
PSRR
Power supply rejection ratio
20 log (
ΔVCC/ΔVout)
ΔVCC=±100mV at 1MHz
55
dB
ICC
Current consumption
No load, Vin=+0.5V
VCC=+3.3V
Tmin ≤ Tamb ≤ Tmax
5.8
6.7
6.6
mA
No load, Vin=+0.5V
VCC=+2.5V
Tmin ≤ Tamb ≤ Tmax
5.8
6.7
6.3
mA
Enable/standby (EN pin)
ISTBY
Consumption in standby mode
VCC=+3.3V
4
μA
VCC=+2.5V
2
VSTBY-low
Standby low level
Standby mode
+0.3
V
VSTBY-high Standby high level
Enable mode
+0.8
V
Ton
Time from standby to enable
5
μs
Toff
Time from enable to standby
5
μs
Dynamic performance and output characteristics
FR
Frequency response
Vout=2Vpp, RL = 150Ω
VCC=+3.3V, F=4.5MHz
Tmin ≤ Tamb ≤ Tmax
-0.4
-0.1
-0.48
0.4
dB
Vout=2Vpp, RL = 150Ω
VCC=+2.5V, F=4.5MHz
0
VCC=+3.3V, F=27MHz
Tmin ≤ Tamb ≤ Tmax
-20
-25
-23
VOH
High level output voltage
VCC=+3.3V, RL=150Ω
VCC=+2.5V, RL=150Ω
3.13
2.36
3.21
2.42
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com