Electronic Components Datasheet Search
  English  ▼

X  

TSH120 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics TSH120 Datasheet HTML 10Page - STMicroelectronics TSH120 Datasheet HTML 11Page - STMicroelectronics TSH120 Datasheet HTML 12Page - STMicroelectronics TSH120 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
TSH120
10/13
5
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Figure 22.
SC70-6 (or SOT323-6) package footprint (in millimeters)
1.05
0.80
0.40
2.90
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com