Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Rev. 1.30
42
May 17, 2022
Rev. 1.30
43
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
register must be properly set otherwise the internal interrupt associated with the timer will remain
inactive. The edge select, timer mode and clock source control bits in timer control register must
also be correctly set to ensure the timer is properly configured for the required application. It is
also important to ensure that an initial value is first loaded into the timer registers before the timer
is switched on; this is because after power-on the initial values of the timer registers are unknown.
After the timer has been initialized the timer can be turned on and off by controlling the enable bit in
the timer control register.
When the Timer/Event Counter overflows, its corresponding interrupt request flag in the interrupt
control register will be set. If the Timer/Event Counter interrupt is enabled this will in turn generate
an interrupt signal. However irrespective of whether the interrupts are enabled or not, a Timer/Event
Counter overflow will also generate a wake-up signal if the device is in a Power-down condition.
This situation may occur if the Timer/Event Counter is in the Event Counting Mode and if the
external signal continues to change state. In such a case, the Timer/Event Counter will continue to
count these external events and if an overflow occurs the device will be woken up from its Power-
down condition. To prevent such a wake-up from occurring, the timer interrupt request flag should
first be set high before issuing the “HALT” instruction to enter the Power down Mode.
Timer Program Example
This program example shows how the Timer/Event Counter registers are setup, along with how the
interrupts are enabled and managed. Note how the Timer/Event Counter is turned on, by setting bit
4 of the Timer Control Register. The Timer/Event Counter can be turned off in a similar way by
clearing the same bit. This example program sets the Timer/Event Counters to be in the timer mode,
which uses the internal system clock as their clock source.
Timer Programming Example
org 0ch
; external interrupt vector
org 14h
; Timer Counter 0 interrupt vector
jmp tmr0int
; jump here when Timer 0 overflows
:
org 20h
; main program
:
; internal Timer 0 interrupt routine
tmr0int:
:
; Timer 0 main program placed here
begin:
; setup Timer 0 registers
mov a, 09bh
; setup Timer 0 preload value
mov tmr0, a
mov a, 081h
; setup Timer 0 control register
mov tmr0c, a
; timer mode and prescaler set to fSYS/2 setup interrupt register
mov a, 001h
; enable master interrupt and both timer interrupts
mov intc0, a
mov a, 020h
mov intc1, a
:
set tmr0c.4
; start Timer 0
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com