Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
Rev. 1.30
64
May 17, 2022
Rev. 1.30
65
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
It is recommended that programs do not use the “CALL” instruction within the interrupt service
subroutine. Interrupts often occur in an unpredictable manner or need to be serviced immediately.
If only one stack is left and the interrupt is not well controlled, the original control sequence will be
damaged once a CALL subroutine is executed in the interrupt subroutine.
Every interrupt has the capability of waking up the microcontroller when it is in Power down Mode,
the wake up being generated when the interrupt request flag changes from low to high. If it is
required to prevent a certain interrupt from waking up the microcontroller then its respective request
flag should be first set high before enter Power down Mode.
As only the Program Counter is pushed onto the stack, then when the interrupt is serviced, if the
contents of the accumulator, status register or other registers are altered by the interrupt service
program, their contents should be saved to the memory at the beginning of the interrupt service
routine.
Low Voltage Detector – LVD
Each device has a Low Voltage Detector function, also known as LVD. This enabled the device to
monitor the power supply voltage, VDD, and provide a warning signal should it fall below a certain
level. This function may be especially useful in battery applications where the supply voltage will
gradually reduce as the battery ages, as it allows an early warning battery low signal to be generated.
The Low Voltage Detector also has the capability of generating an interrupt signal.
LVD Register
LVD function can be enabled or disabled by configuration option. If the LVD configuration option
is enabled, the user can use LVDC bit in system control register 0 to enable/disable the LVD circuit
and read the LVD detector status from LVDO bit in system control register 0. The LVD voltage
is fixed at 4.4V. The device also provides an interrupt for low voltage detection, see the section of
interrupt for the details. In the power down mode, the LVD function will be disabled.
• CTRL0 Register
Bit
7
6
5
4
3
2
1
0
Name
C2VOINV TMR0ECS
—
—
PCKPSC
—
LVDO
LVDC
R/W
R/W
R/W
—
—
R/W
—
R
R/W
POR
0
0
—
—
0
—
0
0
Bit 7
C2VOINV: Inverting control of the comparator 2 output signal
Described elsewhere
Bit 6
TMR0ECS: Select TMR0 external clock source
Described elsewhere
Bit 5~4
Unimplemented, read as “0”
Bit 3
PCKPSC: Peripheral clock prescaler stage
Described elsewhere
Bit 2
Unimplemented, read as “0”
Bit 1
LVDO: Low voltage detector output
0: Normal voltage
1: Low voltage detected
Bit 0
LVDC: Low voltage detector control
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com