Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  Induction Cooker Flash MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
Rev. 1.30
24
May 17, 2022
Rev. 1.30
25
May 17, 2022
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
• CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
CVREF5 CVREF4 CVREF3 CVREF2 CVREF1 CVREF0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit 7~6
Unimplemented, read as “0”
Bit 5~3
CVREF5~CVREF3: Select internal reference voltage VR2 for comparator 2
000: 0.600VDD
001: 0.625VDD
010: 0.650VDD
011: 0.675VDD
100: 0.700VDD
101: 0.725VDD
110: 0.750VDD
111: 0.775VDD
Bit 2~0
CVREF2~CVREF0: Select internal reference voltage VR1 for comparator 1
000: 0.600VDD
001: 0.625VDD
010: 0.650VDD
011: 0.675VDD
100: 0.700VDD
101: 0.725VDD
110: 0.750VDD
111: 0.775VDD
• CTRL3 Register
Bit
7
6
5
4
3
2
1
0
Name
—
C3VOINV CVREF11 CVREF10 CVREF9 CVREF8 CVREF7 CVREF6
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
C3VOINV: Inverting control of the comparator 3 output signal
0: Non-inverted
1: Inverted
Bit 5~3
CVREF11~CVREF9: Select internal reference voltage VR4 for comparator 3
000: 0.600VDD
001: 0.625VDD
010: 0.650VDD
011: 0.675VDD
100: 0.700VDD
101: 0.725VDD
110: 0.750VDD
111: 0.775VDD
Bit 2~0
CVREF8~CVREF6: Select internal reference voltage VR3 for comparator 2
000: 0.075VDD
001: 0.100VDD
010: 0.125VDD
011: 0.150VDD
100: 0.175VDD
101: 0.200VDD
110: 0.225VDD
111: 0.250VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com